PART |
Description |
Maker |
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD8616AR-REEL |
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices
|
LT6005CGNPBF LT6004IDDTRPBF LT6003CDC-TRMPBF LT600 |
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO8 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1050 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO16
|
Linear Dimensions Semiconductor Linear Technology, Corp.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
AD8663ACPZ-REEL1 AD8663ARZ-REEL1 AD8663ACPZ-R21 AD |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LTC6082IDD- LTC6082IGN- LTC6082IDD-PBF LTC6082IDD- |
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
|
Linear Technology
|
LTC6081IDDTRPBF |
Precision Dual CMOS Rail-to-Rail Input/Output Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C DUAL OP-AMP, 90 uV OFFSET-MAX, 3.6 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|
TS9511RIYLT |
Precision rail-to-rail input/output 3 MHz single operational amplifier
|
ST Microelectronics
|
AD8663ACPZ-R7 AD8663 AD8663ACPZ-R2 AD8663ACPZ-RL A |
16V, 180μA Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 16V, 180レA Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 16V, 180A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
|
Analog Devices AD
|
EL8178 EL8178AIW-T7 EL8178AIW-T7A EL8178AIWZ-T7 EL |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 400 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO6 Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 150 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO6 Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 500 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|